PART |
Description |
Maker |
AT24C02C-SSHM-B AT24C02C-SSHM-T AT24C02C-STUM-T AT |
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
|
ATMEL Corporation 聚兴科技股份有限公司
|
AM24LC08I AM24LC08INA AM24LC08ISA AM24LC08VSA AM24 |
RES, FXD, MF, CHIP, 121K, 1%, 1/16W, 0603 2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
|
ETC ANACHIP[Anachip Corp]
|
IS93C46-3 IS93C46-3G IS93C46-3GI IS93C46-3GR IS93C |
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 1,024位串行电可擦除可编程ROM 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
AT24C02B-PU AT24C02BN-SH-T AT24C02BY6-YH-T AT24C02 |
DIE SALE, 1.8V, 11 MIL(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 8 TSSOP, PB/HALO FREE, NIPDAU, 1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
25AA080-I_P 25AA08004 25AA080-I_SN 25LC080-I_SN 25 |
The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... 8K SPI TM Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
X24320V14IG-1.8 X24320S8IG-1.8 X24320PIG-1.8 X2432 |
400KHz 2-Wire Serial E2PROM with Block Lock 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 PLASTIC, SOIC-8 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
IC MICROSYSTEMS Sdn. Bhd. IC MICROSYSTEMS SDN BHD
|
X9241AWP X9241AWPI X9241AMP X9241AWV X9241AWPIZ X9 |
Low Powr/2-Wire Serial Bus 低Powr/2-Wire串行总线 Low Powr/2-Wire Serial Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
25C640 |
The 25C640 is a 64K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|
AT24C512BW-SH-B AT24C512BW-SH-T AT24C512B AT24C512 |
8-TSSOP, PB/HALO FREE,NIPDAU LF, 1.8V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8 TSSOP, PB/HALO FREE, 2.5V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8 PDIP, PB/HALO FREE, 2.5V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 8 EIAJ,PB/HALO FREE,1.8V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM 512K (65,536 x 8)
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
24AA128 24LC128 24FC128 24AA128-I/MF 24AA128-I/MS |
16K*8(128Kbit) Serial Electrically Erasable PROM(EEPROM) 128K I2C CMOS Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS25C08B-2UDLI-TR IS25C08B-2CLI-TR IS25C08B-2ZLI-T |
8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 2 X 3 MM, 0.55 MM HEIGHT, GREEN, UDFN-8
|
Integrated Silicon Solution, Inc.
|